|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 1 SMD POWER INDUCTOR CONFIGURATION & DIMENSIONS A ABC'S DWG NO. ABC'S ITEM NO. SB1030L- A B 10.00.3 10.00.3 3.00.3 2.4 typ. 2.0 typ. 6.0 typ 2.8 ref. 10.4 ref. 2.4 ref. 5.6 ref. m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m 330 B C D E F G H I G J I PCB Pattern I H J D E SCHEMATIC DIAGRAM a MATERIALS a b c d e f Core Wire Base Ferrite DR core Enameled copper wire LCP Base class F Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max. Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec F C b d c Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max. Terminal Cu / Ni / Sn Adhesive Epoxy resin Remark Products comply with RoHS' requirements 250 50sec max. Peak Temperature: 260 230 GENERAL SPECIFICATION a b c d AE-001A Temp. rise 30 Storage temp. Operating temp. max. -40 -40 ~ +125 ~ +125 . 10 secs. 200 150 70sec max. Temperature ( ) 100 50 Temp. rise included Resistance to solder heat 260 0 50 100 150 Time ( seconds ) 200 250 SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 2 SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SB1030L- ELECTRICAL CHARACTERISTICS L DWG No. (uH) Q ref. 13 13 15 15 18 20 16 10 12 14 23 23 25 20 18 42 Test Freq. L Q (Hz) (MHz) 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V 100K/0.1V B Taping Reel 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.252 SRF ( MHz ) typ. 73.6 49.5 38.1 33.1 25.7 22.3 16.4 14.2 12.2 9.3 7.9 6.2 5.1 3.8 3.2 2.5 RDC () max. 0.028 0.040 0.052 0.064 0.100 0.145 0.220 0.270 0.360 0.540 0.700 1.150 1.700 2.250 3.300 4.700 Irms (A) 3.00 2.60 2.20 2.00 1.65 1.38 1.10 0.96 0.82 0.70 0.60 0.46 0.38 0.28 0.23 0.20 Isat (A) 4.20 3.50 2.80 2.40 1.85 1.60 1.25 1.10 0.90 0.75 0.58 0.48 0.40 0.32 0.27 0.23 SB10302R7ML- 2.720% SB10304R7ML- 4.720% SB10306R8ML- 6.820% SB1030100ML- 10.020% SB1030150ML- 15.020% SB1030220ML- 22.020% SB1030330ML- 33.020% SB1030470ML- 47.020% SB1030680ML- 68.020% SB1030101KL- 100.010% SB1030151KL- 150.010% SB1030221KL- 220.010% 330.010% SB1030331KL- SB1030471KL- 470.010% SB1030681KL- 680.010% SB1030102KL- 1000.010% 1). Packaging information ... A Bulk 2)."":Reference code 3). Irms base on temp. rise 30 4). Isat base on max. @ Inductance VS. DC Superposition Characteristics L/L0A=10% typ. 104 103 Inductance ( uH ) 102 331 10 2 101 330 101 100 4R7 100 -1 10 100 101 102 DC Current ( A ) AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 3 SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATION ( 1 ) Configuration T ABC'S DWG NO. ABC'S ITEM NO. SB1030L- Cover tape 2.00.5 A N C C B G D Embossed carrier Carrier tape width : D P:16 m/m End 4 m/m Start 330 Leader no component 200 m/m Min. 330 330 330 Trailer no component 400 m/m Min. Components User ditrection of feed ( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0 Unit:m/m T 30.4 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SB1030 Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 1,000 3,000 13 - 24 4,000 12.0 40 x 40 x 24 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 4 SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SB1030L- DWGING NUMBER EXPRESSION S B 1 0 3 0 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1 Product Classification L Lead Free Standard products comply with RoHS' requirements 1 ~ 9 Lead Free Special products comply with RoHS' requirements Appendix code 2 Package Information Code A B T.B.D. Inner package Inner package Q'TY T.B.D. 1000 pcs Remark T / R ( Reel package ) AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 5 SMD POWER INDUCTOR RELIABILITY TEST Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. ABC'S DWG NO. ABC'S ITEM NO. SB1030L- Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds Solderability Thermal shock test ( Temp. cycle ) Inductance shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -252 30 minutes 852 30 minutes Humidity Resistance test Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours High temp. Resistance test Temperature : 852 Applied current : Per spec. Time : 500 hours AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME ABC'S DWG NO. PAGE: 6 SB1030L- SMD POWER INDUCTOR ABC'S ITEM NO. . UL CARD OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Mtl Dsg Mark Dsg ____ ____ ____ ____ ____ Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane BC Coat Typ ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ OC MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 ANSI Type Temp Class 220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Page 1 of 2 A not-for-profit organization dedicated to public safety and committed to quality service SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mtl Dsg Mark Dsg ____ ____ ____ ____ ____ ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Coat Typ Polyamide ____ ____ ____ Nylon Polyamide OC MW80C MW2-C ___ MW75C MW28-C MW28-C ANSI Type Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AE-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME ABC'S DWG NO. PAGE: 7 SB1030L- SMD POWER INDUCTOR ABC'S ITEM NO. E54705 (M) H D RTI V 4 Min UL94 H H C Elec Mech T 9 Thk Flame W A T with w/o Class R 5 Mtl Dsg Col mm Imp Imp I I I Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd) E4008 , E400X NC , BK 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 0.30 0.75 1.5 3.0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 94V-0 130 130 130 130 130 220 220 220 130 220 220 220 130 130 130 130 130 130 130 130 130 130 130 130 130 180 200 200 130 180 200 200 130 130 130 130 130 130 130 130 130 130 130 130 130 220 240 240 130 220 240 240 130 130 130 130 130 130 130 130 ___ ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 3 2 1 ___ 0 0 1 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ 4 4 4 ___ ___ ___ ___ ___ ___ ___ ___ ___ 4 ___ ___ ___ E4008 NC , WT , BK 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 ___ ___ ___ 0 5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 ___ ___ ___ 5 E4010 NC , BK 4 ___ ___ ___ 4 ___ ___ ___ 4 ___ ___ ___ 4 E400(Y)L , E4008L NC , BK E4810 NC , BK AE-001A |
Price & Availability of SB1030220ML |